Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 40Page - Renesas Technology Corp HD6432607 Datasheet HTML 41Page - Renesas Technology Corp HD6432607 Datasheet HTML 42Page - Renesas Technology Corp HD6432607 Datasheet HTML 43Page - Renesas Technology Corp HD6432607 Datasheet HTML 44Page - Renesas Technology Corp HD6432607 Datasheet HTML 45Page - Renesas Technology Corp HD6432607 Datasheet HTML 46Page - Renesas Technology Corp HD6432607 Datasheet HTML 47Page - Renesas Technology Corp HD6432607 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 710 page
background image
Section 1 Overview
Rev. 1.00 Jan. 29, 2008 Page 4 of 666
REJ09B0427-0100
1.3
Pin Assignments
1.3.1
Pin Assignments
Figure 1.2 shows pin assignments.
H8S/2607 Group
PRQP0128KB-A
FP-128B/FP-128BV
(TOP VIEW)
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
P40/AN0
P41/AN1
P42/AN2
P43/AN3
P44/AN4
P45/AN5
P46/AN6/DA0
P47/AN7/DA1
P90/AN8
P91/AN9
P92/AN10
P93/AN11
AVSS
MD0
MD1
MD2
PF0/
IRQ2
PB7/A15/TIOCB5
PB6/A14/TIOCA5
PB5/A13/TIOCB4
PB4/A12/TIOCA4
PB3/A11/TIOCD3
PB2/A10/TIOCC3
PB1/A9/TIOCB3
VSS
PB0/A8/TIOCA3
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
PWMVSS
PJ7/PWM2H
PJ6/PWM2G
PJ5/PWM2F
PJ4/PWM2E
PWMVCC
PJ3/PWM2D
PJ2/PWM2C
PJ1/PWM2B
PJ0/PWM2A
PWMVSS
PH7/ P W M 1 H
PH6/ P W M 1 G
PH5/ P W M 1 F
PH4/ PWM1E
PWMVCC
PH3/ PWM1D
PH2/ PWM1C
PH1/ P W M 1 B
PH0/ PWM1A
PWMVSS
VSS
PF3/
LWR/ADTRG/IRQ3
PF4/
HWR
PF5/
RD
PF6/
AS
Figure 1.2 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com