Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 364Page - Renesas Technology Corp HD6432607 Datasheet HTML 365Page - Renesas Technology Corp HD6432607 Datasheet HTML 366Page - Renesas Technology Corp HD6432607 Datasheet HTML 367Page - Renesas Technology Corp HD6432607 Datasheet HTML 368Page - Renesas Technology Corp HD6432607 Datasheet HTML 369Page - Renesas Technology Corp HD6432607 Datasheet HTML 370Page - Renesas Technology Corp HD6432607 Datasheet HTML 371Page - Renesas Technology Corp HD6432607 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 710 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev. 1.00 Jan. 29, 2008 Page 328 of 666
REJ09B0427-0100
11.4.4
Example of Normal Pulse Output (Example of Five-Phase Pulse Output)
Figure 11.5 shows an example in which pulse output is used for cyclic five-phase pulse output.
TCNT value
TCNT
TGRA
H'0000
NDRH
00
80
C0
40
60
20
30
10
18
08
88
PODRH
PO15
PO14
PO13
PO12
PO11
Time
Compare match
C0
80
C0
80
40
60
20
30
10
18
08
88
80
C0
40
Figure 11.5 Normal Pulse Output Example (Five-Phase Pulse Output)
1. Set up TGRA of the TPU that is used as the output trigger to be an output compare register.
Set a frequency in TGRA so the counter will be cleared on compare match A. Set the TGIEA
bit of TIER to 1 to enable the compare match/input capture A (TGIA) interrupt.
2. Write H'F8 in P1DDR and NDERH, and set the G3CMS0, G3CMS1, G2CMS0, and G2CMS1
bits in PCR to select compare match in the TPU channel set up in the previous step to be the
output trigger. Write output data H'80 in NDRH.
3. When compare match A occurs, the NDRH contents are transferred to PODRH and output.
The TGIA interrupt handling routine writes the next output data (H'C0) in NDRH.
4. Five-phase overlapping pulse output (one or two phases active at a time) can be obtained
subsequently by writing H'40, H'60, H'20, H'30. H'10, H'18, H'08, H'88... at successive TGIA
interrupts. If the DTC is set for activation by this interrupt, pulse output can be obtained
without imposing a load on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com