Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 372Page - Renesas Technology Corp HD6432607 Datasheet HTML 373Page - Renesas Technology Corp HD6432607 Datasheet HTML 374Page - Renesas Technology Corp HD6432607 Datasheet HTML 375Page - Renesas Technology Corp HD6432607 Datasheet HTML 376Page - Renesas Technology Corp HD6432607 Datasheet HTML 377Page - Renesas Technology Corp HD6432607 Datasheet HTML 378Page - Renesas Technology Corp HD6432607 Datasheet HTML 379Page - Renesas Technology Corp HD6432607 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 710 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev. 1.00 Jan. 29, 2008 Page 336 of 666
REJ09B0427-0100
11.5
Usage Notes
11.5.1
Module Stop Mode Setting
PPG operation can be disabled or enabled using the module stop control register. The initial
setting is for PPG operation to be halted. Register access is enabled by clearing module stop mode.
For details, see section 21, Power-Down Modes.
11.5.2
Operation of Pulse Output Pins
Pins PO8 to PO15 are also used for other peripheral functions such as the TPU. When output by
another peripheral function is enabled, the corresponding pins cannot be used for pulse output.
Note, however, that data transfer from NDR bits to PODR bits takes place, regardless of the usage
of the pins.
Pin functions should be changed only under conditions in which the output trigger event will not
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com