Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 407Page - Renesas Technology Corp HD6432607 Datasheet HTML 408Page - Renesas Technology Corp HD6432607 Datasheet HTML 409Page - Renesas Technology Corp HD6432607 Datasheet HTML 410Page - Renesas Technology Corp HD6432607 Datasheet HTML 411Page - Renesas Technology Corp HD6432607 Datasheet HTML 412Page - Renesas Technology Corp HD6432607 Datasheet HTML 413Page - Renesas Technology Corp HD6432607 Datasheet HTML 414Page - Renesas Technology Corp HD6432607 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 371 of 666
REJ09B0427-0100
Table 13.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode)
Operating Frequency
φ (MHz)
4
8
10
16
20
Bit Rate
(bit/s)
n
N
n
N
n
N
n
N
n
N
110
250
2
249
3
124
3
249
500
2
124
2
249
3
124
1k
1
249
2
124
2
249
2.5k
1
99
1
199
1
249
2
99
2
124
5k
0
199
1
99
1
124
1
199
1
249
10k
0
99
0
199
0
249
1
99
1
124
25k
0
39
0
79
0
99
0
159
0
199
50k
0
19
0
39
0
49
0
79
0
99
100k
0
9
0
19
0
24
0
39
0
49
250k
0
3
0
7
0
9
0
15
0
19
500k
0
1
0
3
0
4
0
7
0
9
1M
0
0*
0
1
0
3
0
4
2.5M
0
0*
0
1
5M
0
0*
[Legend]
Blank: Setting prohibited.
 :
Can be set, but there will be a degree of error.
*:
Continuous transfer is not possible.
Table 13.7
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
4
0.6667
666666.7
14
2.3333
2333333.3
6
1.0000
1.000000.0
16
2.6667
2666666.7
8
1.3333
1333333.3
18
3.0000
3000000.0
10
1.6667
1666666.7
20
3.3333
3333333.3
12
2.0000
2000000.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com