Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 115Page - Renesas Technology Corp HD6432607 Datasheet HTML 116Page - Renesas Technology Corp HD6432607 Datasheet HTML 117Page - Renesas Technology Corp HD6432607 Datasheet HTML 118Page - Renesas Technology Corp HD6432607 Datasheet HTML 119Page - Renesas Technology Corp HD6432607 Datasheet HTML 120Page - Renesas Technology Corp HD6432607 Datasheet HTML 121Page - Renesas Technology Corp HD6432607 Datasheet HTML 122Page - Renesas Technology Corp HD6432607 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 710 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Jan. 29, 2008 Page 79 of 666
REJ09B0427-0100
5.3.4
IRQ Status Register (ISR)
ISR indicates the status of IRQ0 to IRQ5 interrupt requests.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
R/W*
Reserved
These bits are always read as 0.
5
4
3
2
1
0
IRQ5F
IRQ4F
IRQ3F
IRQ2F
IRQ1F
IRQ0F
0
0
0
0
0
0
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
[Setting condition]
When the interrupt source selected by the ISCR
registers occurs
[Clearing conditions]
• Cleared by reading IRQnF flag when IRQnF = 1,
then writing 0 to IRQnF flag
• When interrupt exception handling is executed when
low-level detection is set and
IRQn input is high
• When IRQn interrupt exception handling is executed
when falling, rising, or both-edge detection is set
• When the DTC is activated by an IRQn interrupt,
and the DISEL bit in MRB of the DTC is cleared to 0
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com