Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 268Page - Renesas Technology Corp HD6432607 Datasheet HTML 269Page - Renesas Technology Corp HD6432607 Datasheet HTML 270Page - Renesas Technology Corp HD6432607 Datasheet HTML 271Page - Renesas Technology Corp HD6432607 Datasheet HTML 272Page - Renesas Technology Corp HD6432607 Datasheet HTML 273Page - Renesas Technology Corp HD6432607 Datasheet HTML 274Page - Renesas Technology Corp HD6432607 Datasheet HTML 275Page - Renesas Technology Corp HD6432607 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 710 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Jan. 29, 2008 Page 232 of 666
REJ09B0427-0100
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Interrupt
sources
5 sources
• Compare
match or
input
capture
0A
• Compare
match or
input
capture
0B
• Compare
match or
input
capture
0C
• Compare
match or
input
capture
0D
• Overflow
4 sources
• Compare
match or
input
capture
1A
• Compare
match or
input
capture
1B
• Overflow
• Underflow
4 sources
• Compare
match or
input
capture
2A
• Compare
match or
input
capture
2B
• Overflow
• Underflow
5 sources
• Compare
match or
input
capture
3A
• Compare
match or
input
capture
3B
• Compare
match or
input
capture
3C
• Compare
match or
input
capture
3D
• Overflow
4 sources
• Compare
match or
input
capture
4A
• Compare
match or
input
capture
4B
• Overflow
• Underflow
4 sources
• Compare
match or
input
capture
5A
• Compare
match or
input
capture
5B
• Overflow
• Underflow
[Legend]
:
Possible
:
Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com