Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 283Page - Renesas Technology Corp HD6432607 Datasheet HTML 284Page - Renesas Technology Corp HD6432607 Datasheet HTML 285Page - Renesas Technology Corp HD6432607 Datasheet HTML 286Page - Renesas Technology Corp HD6432607 Datasheet HTML 287Page - Renesas Technology Corp HD6432607 Datasheet HTML 288Page - Renesas Technology Corp HD6432607 Datasheet HTML 289Page - Renesas Technology Corp HD6432607 Datasheet HTML 290Page - Renesas Technology Corp HD6432607 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 710 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Jan. 29, 2008 Page 247 of 666
REJ09B0427-0100
Table 10.14 TIOR_1 (Channel 1)
Description
Bit 7
IOB3
Bit 6
IOB2
Bit 5
IOB1
Bit 4
IOB0
TGRB_1
Function
TIOCB1 Pin Function
0
0
0
0
Output disabled
1
Initial output is 0
0 output at compare match
1
0
Initial output is 0
1 output at compare match
1
Initial output is 0
Toggle output at compare match
1
0
0
Output disabled
1
Initial output is 1
0 output at compare match
1
0
Initial output is 1
1 output at compare match
1
Output
compare
register
Initial output is 1
Toggle output at compare match
1
0
0
0
Capture input source is the TIOCB1 pin
Input capture at rising edge
1
Capture input source is the TIOCB1 pin
Input capture at falling edge
1
X
Capture input source is the TIOCB1 pin
Input capture at both edges
1
X
X
Input capture
register
TGRC_0 compare match/ input capture
Input capture at generation of TGRC_0 compare
match/input capture
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com