Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 302Page - Renesas Technology Corp HD6432607 Datasheet HTML 303Page - Renesas Technology Corp HD6432607 Datasheet HTML 304Page - Renesas Technology Corp HD6432607 Datasheet HTML 305Page - Renesas Technology Corp HD6432607 Datasheet HTML 306Page - Renesas Technology Corp HD6432607 Datasheet HTML 307Page - Renesas Technology Corp HD6432607 Datasheet HTML 308Page - Renesas Technology Corp HD6432607 Datasheet HTML 309Page - Renesas Technology Corp HD6432607 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 710 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Jan. 29, 2008 Page 266 of 666
REJ09B0427-0100
10.3.6
Timer Counter (TCNT)
The TCNT registers are 16-bit readable/writable counters. The TPU has six TCNT counters, one
for each channel.
The TCNT counters are initialized to H'0000 by a reset, and in hardware standby mode.
The TCNT counters cannot be accessed in 8-bit units; they must always be accessed as a 16-bit
unit.
10.3.7
Timer General Register (TGR)
The TGR registers are dual function 16-bit readable/writable registers, functioning as either output
compare or input capture registers. The TPU has 16 TGR registers, four each for channels 0 and 3
and two each for channels 1, 2, 4, and 5. TGRC and TGRD for channels 0 and 3 can also be
designated for operation as buffer registers. The TGR registers cannot be accessed in 8-bit units;
they must always be accessed as a 16-bit unit. TGR buffer register combinations are
TGRA
TGRC and TGRBTGRD.
10.3.8
Timer Start Register (TSTR)
TSTR is an 8-bit readable/writable register that selects operation/stoppage for channels 0 to 5.
When setting the operating mode in TMDR or setting the count clock in TCR, first stop the TCNT
counter.
Bit
Bit Name
Initial
value
R/W
Description
7, 6
All 0
Reserved
The write value should always be 0.
5
4
3
2
1
0
CST5
CST4
CST3
CST2
CST1
CST0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Counter Start 0 to 5 (CST0 to CST5)
These bits select operation or stoppage for TCNT.
If 0 is written to the CST bit during operation with the
TIOC pin designated for output, the counter stops but
the TIOC pin output compare output level is retained. If
TIOR is written to when the CST bit is cleared to 0, the
pin output level will be changed to the set initial output
value.
0: TCNT_0 to TCNT_5 count operation is stopped
1: TCNT_0 to TCNT_5 performs count operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com