| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 314 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 314 Page - Renesas Technology Corp |
|
314 / 710 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Jan. 29, 2008 Page 274 of 666 REJ09B0427-0100 10.4.2 Synchronous Operation In synchronous operation, the values in a number of TCNT counters can be rewritten simultaneously (synchronous presetting). Also, a number of TCNT counters can be cleared simultaneously by making the appropriate setting in TCR (synchronous clearing). Synchronous operation enables TGR to be incremented with respect to a single time base. Channels 0 to 5 can all be designated for synchronous operation. Example of Synchronous Operation Setting Procedure: Figure 10.10 shows an example of the synchronous operation setting procedure. No Yes Synchronous operation selection Set synchronous operation Synchronous presetting Set TCNT <Synchronous presetting> <Counter clearing> <Synchronous clearing> Synchronous clearing Clearing source generation channel? Select counter clearing source Start count Set synchronous counter clearing Start count Set to 1 the SYNC bits in TSYR corresponding to the channels to be designated for synchronous operation. When the TCNT counter of any of the channels designated for synchronous operation is written to, the same value is simultaneously written to the other TCNT counters. Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare, etc. Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing source. Set to 1 the CST bits in TSTR for the relevant channels, to start the count operation. [1] [2] [3] [4] [5] [1] [3] [4] [4] [5] [2] Figure 10.10 Example of Synchronous Operation Setting Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |