Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 463Page - Renesas Technology Corp SH7014 Datasheet HTML 464Page - Renesas Technology Corp SH7014 Datasheet HTML 465Page - Renesas Technology Corp SH7014 Datasheet HTML 466Page - Renesas Technology Corp SH7014 Datasheet HTML 467Page - Renesas Technology Corp SH7014 Datasheet HTML 468Page - Renesas Technology Corp SH7014 Datasheet HTML 469Page - Renesas Technology Corp SH7014 Datasheet HTML 470Page - Renesas Technology Corp SH7014 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 433 of 716
REJ09B0398-0500
Section 16 Pin Function Controller (PFC)
16.1
Overview
The pin function controller (PFC) is composed of registers for selecting the function of
multiplexed pins and the direction of input/output. Table 16.1 lists this LSI's multiplexed pins. The
multiplex pin functions have restrictions dependent on the operating mode. Table 16.2 lists the pin
functions and initial values for each operating mode.
Table 16.1
Multiplexed Pins
Port
Function 1
(Related Module)
Function 2
(Related Module)
Function 3
(Related Module)
Function 4
(Related Module)
Pin No.
A
PA15 I/O (port)
CK output (CPG)
⎯
⎯
83
A
PA14 I/O (port)*
RD output (BSC)
⎯
⎯
34
A
PA13 I/O (port)*
WRH output (BSC)
⎯
⎯
36
A
PA12 I/O (port)*
WRL output (BSC)
⎯
⎯
38
A
PA11 I/O (port)*
CS1 output (BSC)
⎯
⎯
40
A
PA10 I/O (port)*
CS0 output (BSC)
⎯
⎯
41
A
PA9 I/O (port)
TCLKD input (MTU)
IRQ3 (INTC)
⎯
42
A
PA8 I/O (port)
TCLKC input (MTU)
IRQ2 (INTC)
⎯
43
A
PA7 I/O (port)
TCLKB input (MTU)
CS3 output (BSC) ⎯
44
A
PA6 I/O (port)
TCLKA input (MTU)
CS2 output (BSC) ⎯
45
A
PA5 I/O (port)
SCK1 I/O (SCI)
DREQ1 input
(DMAC)
IRQ1 input (INTC)
46
A
PA4 I/O (port)
TxD1 output (SCI)
⎯
⎯
47
A
PA3 I/O (port)
RxD1 input (SCI)
⎯
⎯
48
A
PA2 I/O (port)
SCK0 I/O (SCI)
DREQ0 input
(DMAC)
IRQ0 input
(INTC)
49
A
PA1 I/O (port)
TxD0 output (SCI)
⎯
⎯
50
A
PA0 I/O (port)
RxD0 input (SCI)
⎯
⎯
51
B
PB9 I/O (port)
IRQ7 input (INTC)
A21 output (BSC)
⎯
32
B
PB8 I/O (port)
IRQ6 input (INTC)
A20 output (BSC)
WAIT input (BSC)
31
B
PB7 I/O (port)
⎯
A19 output (BSC)
⎯
30
B
PB6 I/O (port)
⎯
A18 output (BSC)
⎯
29
B
PB5 I/O (port)
IRQ3 input (INTC)
⎯
RDWR output (BSC) 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com