| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 521 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 521 Page - Renesas Technology Corp |
|
521 / 754 page ![]() 17. I/O Ports (I/O) Rev.5.00 Sep. 27, 2007 Page 487 of 716 REJ09B0398-0500 17.7.2 Port F Data Register (PFDR) Bit: 7 6 5 4 3 2 1 0 PF7DR PF6DR PF5DR PF4DR PF3DR PF2DR PF1DR PF0DR Initial value: * * * * * * * * R/W: R R R R R R R R Note: * Initial values are dependent on the status of the pins at the time of the reads. PFDR is an 8-bit read-only register that stores data for port F. The bits PF7DR to PF0DR correspond to the PF7/AN7 to PF0/AN0 pins. Any value written into these bits is ignored, and there is no effect on the status of the pins. When any of the bits are read, the pin status rather than the bit value is read directly. However, when an A/D converter analog input is being sampled, values of 1 are read out. Table 17.17 shows the read/write operations of the port F data register. PFDR is not initialized by power-on resets, standby mode, or sleep mode (the bits always reflect the pin status). Table 17.17 Read/Write Operation of the Port F Data Register (PFDR) Pin I/O Pin Function Read Write Input Ordinary Pin status is read Ignored (no effect on pin status) ANn: analog input 1 is read Ignored (no effect on pin status) Note: n = 7 to 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |