Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 519Page - Renesas Technology Corp SH7014 Datasheet HTML 520Page - Renesas Technology Corp SH7014 Datasheet HTML 521Page - Renesas Technology Corp SH7014 Datasheet HTML 522Page - Renesas Technology Corp SH7014 Datasheet HTML 523Page - Renesas Technology Corp SH7014 Datasheet HTML 524Page - Renesas Technology Corp SH7014 Datasheet HTML 525Page - Renesas Technology Corp SH7014 Datasheet HTML 526Page - Renesas Technology Corp SH7014 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 489 of 716
REJ09B0398-0500
Section 18 128 kB Flash Memory (F-ZTAT)
18.1
Features
The SH7017 has 128 kbytes of on-chip flash memory. The features of the flash memory are
summarized below.
• Four flash memory operating modes
⎯ Program mode
⎯ Erase mode
⎯ Program-verify mode
⎯ Erase-verify mode
• Programming/erase methods
The flash memory is programmed 32 bytes at a time. Block erase (in single-block units) can be
performed. Erasing the entire memory requires erasure of each block in turn. Block erasing can
be performed as required on 1 kB, 28 kB, and 32 kB blocks.
• Programming/erase times
The flash memory programming time is 10 ms (typ.) for simultaneous 32-byte programming,
equivalent to 300
μs (typ.) per byte, and the erase time is 100 ms (typ.) per block.
• Reprogramming capability
The flash memory can be reprogrammed up to 100 times.
• On-board programming modes
There are two modes in which flash memory can be programmed/erased/verified on-board:
⎯ Boot mode
⎯ User program mode
• Automatic bit rate adjustment
With data transfer in boot mode, the SH7017's bit rate can be automatically adjusted to match
the transfer bit rate of the host.
• Flash memory emulation in RAM
Flash memory programming can be emulated in real time by overlapping a part of RAM onto
flash memory.
• Protect modes
There are two protect modes, hardware and software, which allow protected status to be
designated for flash memory program/erase/verify operations
• Programmer mode
Flash memory can be programmed/erased in programmer mode, using a PROM programmer,
as well as in on-board programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com