Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 524Page - Renesas Technology Corp SH7014 Datasheet HTML 525Page - Renesas Technology Corp SH7014 Datasheet HTML 526Page - Renesas Technology Corp SH7014 Datasheet HTML 527Page - Renesas Technology Corp SH7014 Datasheet HTML 528Page - Renesas Technology Corp SH7014 Datasheet HTML 529Page - Renesas Technology Corp SH7014 Datasheet HTML 530Page - Renesas Technology Corp SH7014 Datasheet HTML 531Page - Renesas Technology Corp SH7014 Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 494 of 716
REJ09B0398-0500
18.2.4
Flash Memory Emulation in RAM
Emulation should be performed in user mode or user program mode. When the emulation block
set in RAMER is accessed while the emulation function is being executed, data written in the
overlap RAM is read.
• User Mode
• User Program Mode
Application program
Execution state
Flash memory
Emulation block
RAM
SCI
Overlap RAM
(emulation is performed
on data written in RAM)
Figure 18.5 Emulation
When overlap RAM data is confirmed, the RAMS bit is cleared, RAM overlap is released, and
writes should actually be performed to the flash memory.
When the programming control program is transferred to RAM, ensure that the transfer
destination and the overlap RAM do not overlap, as this will cause data in the overlap RAM to
be rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com