Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 624 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 624 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 620Page - Renesas Technology Corp SH7014 Datasheet HTML 621Page - Renesas Technology Corp SH7014 Datasheet HTML 622Page - Renesas Technology Corp SH7014 Datasheet HTML 623Page - Renesas Technology Corp SH7014 Datasheet HTML 624Page - Renesas Technology Corp SH7014 Datasheet HTML 625Page - Renesas Technology Corp SH7014 Datasheet HTML 626Page - Renesas Technology Corp SH7014 Datasheet HTML 627Page - Renesas Technology Corp SH7014 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 590 of 716
REJ09B0398-0500
Table 22.16 A/D Converter Characteristics (HD6417014R)
Conditions:
V
CC = 5.0 V ±10%, AVCC = VCC ±10%, VCC = AVCC = 0 V, Ta = −20 to +75°C
28.7MHz
Item
Min
Typ
Max
Unit
Resolution
10
10
10
bit
Conversion time*
1
⎯
⎯
2.9
μs
Analog input capacitance
⎯
⎯
20
pF
Permission signal source impedance
⎯
⎯
1
k
Ω
Non-linear error*
2
⎯
⎯
±8
LSB
Offset error*
2
⎯
⎯
±8
LSB
Full scale error*
2
⎯
⎯
±8
LSB
Quantize error*
2
⎯
⎯
±0.5
LSB
Absolute error*
1
⎯
⎯
±8
LSB
Notes: 1. CKS = 1
2. Reference values
Table 22.17 A/D Converter Characteristics (SH7016, SH7017)
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC = 0 V, VSS = AVSS = 0 V,
Ta =
−20 to +75°C
28.7MHz
20MHz
Item
min
typ
max
min
typ
max
Unit
Resolution
10
10
10
10
10
10
bit
Conversion time (when CKS = 0)
⎯
⎯
9.3
⎯
⎯
13.4*
2
μs
Analog input capacity
⎯
⎯
20
⎯
⎯
20
pF
Permission signal source impedance
⎯
⎯
1
⎯
⎯
1
k
Ω
Non-linearity error*
1
⎯
⎯
±3
⎯
⎯
±3
LSB
Offset error*
1
⎯
⎯
±3
⎯
⎯
±3
LSB
Full scale error*
1
⎯
⎯
±3
⎯
⎯
±3
LSB
Quantize error*
1
⎯
⎯
±0.5
⎯
⎯
±0.5
LSB
Absolute error
⎯
⎯
±4
⎯
⎯
±4
LSB
Notes: 1. Reference value
2. 6.7
μs when CKS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com