Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 618Page - Renesas Technology Corp SH7014 Datasheet HTML 619Page - Renesas Technology Corp SH7014 Datasheet HTML 620Page - Renesas Technology Corp SH7014 Datasheet HTML 621Page - Renesas Technology Corp SH7014 Datasheet HTML 622Page - Renesas Technology Corp SH7014 Datasheet HTML 623Page - Renesas Technology Corp SH7014 Datasheet HTML 624Page - Renesas Technology Corp SH7014 Datasheet HTML 625Page - Renesas Technology Corp SH7014 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 588 of 716
REJ09B0398-0500
22.3.11
Measuring Conditions for AC Characteristics
• Input reference levels:
⎯ High level: 2.2 V
⎯ Low level: 0.8 V
• Output reference levels:
⎯ High level: 2.0 V
⎯ Low level: 0.8 V
CL
IOL
IOH
Vref
LSI output pin
DUT output
V
Note: CL is set with the following pins, including the total capacitance of the
measurement jig, etc:
CK,
RAS, CASx, RDWR, CS0 to CS3, AH, DACK0, DACK1
A21 to A0, D15 to D0,
RD, WRx
Port output and peripheral module output pins other than the above.
See table 22.3, Permitted Output Current Values.
30 pF:
50 pF:
70 pF:
IOL, IOH:
Figure 22.29 Output Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com