Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 614Page - Renesas Technology Corp SH7014 Datasheet HTML 615Page - Renesas Technology Corp SH7014 Datasheet HTML 616Page - Renesas Technology Corp SH7014 Datasheet HTML 617Page - Renesas Technology Corp SH7014 Datasheet HTML 618Page - Renesas Technology Corp SH7014 Datasheet HTML 619Page - Renesas Technology Corp SH7014 Datasheet HTML 620Page - Renesas Technology Corp SH7014 Datasheet HTML 621Page - Renesas Technology Corp SH7014 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 584 of 716
REJ09B0398-0500
SCK0, SCK1
tsckw
tsckr
tsckf
tscyc
Figure 22.25 Input Clock Timing
tscyc
tTXD
tRXS
tRXH
SCK0, SCK1
TXD0, TXD1
(Transmit data)
RXD0, RXD1
(Receive data)
Figure 22.26 SCI I/O Timing (Clock Sync Mode)
22.3.9
High Speed A/D Converter Timing
⎯ SH7014 ⎯
Table 22.13 shows the High-speed A/D Converter Timing.
Table 22.13 High-speed A/D Converter Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AV CC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75°C
Item
Symbol
Min
Typ
Max
Unit
Figure
A/D conversion start
CKS = 0
t
D
1.5
1.5
1.5
t
cyc
22.27
delay time
CKS = 1
1.5
1.5
1.5
Input sampling time
CKS = 0
t
SPL
20
20
20
CKS = 1
40
40
40
A/D conversion time
CKS = 0
t
CONV
42.5
42.5
42.5
CKS = 1
82.5
82.5
82.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com