Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 613Page - Renesas Technology Corp SH7014 Datasheet HTML 614Page - Renesas Technology Corp SH7014 Datasheet HTML 615Page - Renesas Technology Corp SH7014 Datasheet HTML 616Page - Renesas Technology Corp SH7014 Datasheet HTML 617Page - Renesas Technology Corp SH7014 Datasheet HTML 618Page - Renesas Technology Corp SH7014 Datasheet HTML 619Page - Renesas Technology Corp SH7014 Datasheet HTML 620Page - Renesas Technology Corp SH7014 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 583 of 716
REJ09B0398-0500
22.3.7
Watchdog Timer Timing
Table 22.11 shows the Watchdog Timer Timing.
Table 22.11 Watchdog Timer Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75°C
Item
Symbol
Min
Max
Unit
Figure
WDTOVF delay time
t
WOVD
⎯
100
ns
22.24
tWOVD
tWOVD
CK
WDTOVF
Figure 22.24 Watchdog Timer Timing
22.3.8
Serial Communication Interface Timing
Table 22.12 shows the Serial Communication Interface Timing.
Table 22.12 Serial Communication Interface Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75°C
Item
Symbol
Min
Max
Unit
Figure
Input clock cycle
t
scyc
4
⎯
t
cyc
22.25
Input clock cycle (clock sync)
t
scyc
6
⎯
t
cyc
Input clock pulse width
t
sckw
0.4
0.6
t
scyc
Input clock rise time
t
sckr
⎯
1.5
t
cyc
Input clock fall time
t
sckf
⎯
1.5
t
cyc
Transmit data delay time (clock sync) t
TXD
⎯
100
ns
22.26
Receive data setup time (clock sync)
t
RXS
100
⎯
ns
Receive data hold time (clock sync)
t
RXH
100
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com