Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 642 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 642 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 638Page - Renesas Technology Corp SH7014 Datasheet HTML 639Page - Renesas Technology Corp SH7014 Datasheet HTML 640Page - Renesas Technology Corp SH7014 Datasheet HTML 641Page - Renesas Technology Corp SH7014 Datasheet HTML 642Page - Renesas Technology Corp SH7014 Datasheet HTML 643Page - Renesas Technology Corp SH7014 Datasheet HTML 644Page - Renesas Technology Corp SH7014 Datasheet HTML 645Page - Renesas Technology Corp SH7014 Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 608 of 716
REJ09B0398-0500
BSC
Bus Control Register 1 (BCR1)
H'FFFF8620
8/16/32
Bit
Item
15
14
13
12
11
10
9
8
Bit name
―
―
―
―
―
―
―
IOE
Initial value
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R
R
R/W
Item
7
6
5
4
3
2
1
0
Bit name
―
―
―
―
A3SZ
A2SZ
A1SZ
A0SZ
Initial value
0
0
0
0
1
1
1
1
R/W
R
R
R
R
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
CS3 space is ordinary space
(initial value)
8
Multiplex I/O Enable (IOE)
1
CS3 space is address/data multiplex I/O space
0
Byte (8-bit) size
3
CS3 Space Size Specification
(A3SZ)
1
Word (16-bit) size
(initial value)
0
Byte (8-bit) size
2
CS2 Space Size Specification
(A2SZ)
1
Word (16-bit) size
(initial value)
0
Byte (8-bit) size
1
CS1 Space Size Specification
(A1SZ)
1
Word (16-bit) size
(initial value)
0
Byte (8-bit) size
0
CS0 Space Size Specification
(A0SZ)
1
Word (16-bit) size
(initial value)
Note:
A0SZ is effective only in on-chip ROM effective mode. In on-chip ROM ineffective mode, the CS0
space bus size is specified by the mode pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com