Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 663 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 663 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 659Page - Renesas Technology Corp SH7014 Datasheet HTML 660Page - Renesas Technology Corp SH7014 Datasheet HTML 661Page - Renesas Technology Corp SH7014 Datasheet HTML 662Page - Renesas Technology Corp SH7014 Datasheet HTML 663Page - Renesas Technology Corp SH7014 Datasheet HTML 664Page - Renesas Technology Corp SH7014 Datasheet HTML 665Page - Renesas Technology Corp SH7014 Datasheet HTML 666Page - Renesas Technology Corp SH7014 Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 629 of 716
REJ09B0398-0500
MTU
Timer Control Register 1 (TCR1)
H'FFFF8280
8/16/32
Bit
Item
7
6
5
4
3
2
1
0
Bit name
―
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
Initial value
0
0
0
0
0
0
0
0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
TCNT clear disabled
(initial value)
0
1
TCNT is cleared by TGRA compare-match or input
capture
0
TCNT is cleared by TGRB compare-match or input
capture
7 to 5
Counter Clear 2 to 0
(Reserved*
2, CCLR1, CCLR0)
0
1
1
Synchronizing clear: TCNT is cleared in
synchronization with clear of other channel counters
operating in sync*
1
0
Count on rising edges
(initial value)
0
1
Count on falling edges
4, 3
Clock Edge 1, 0
(CKEG1, CKEG0)*
5
1
X*
3
Count on both rising and falling edges
0
Internal clock: count with
φ/1
(initial value)
0
1
Internal clock: count with
φ/4
0
Internal clock: count with
φ/16
0
1
1
Internal clock: count with
φ/64
0
External clock: count with the TCLKA pin input
0
1
External clock: count with the TCLKB pin input
0
Internal clock: count with
φ/256
2 to 0*
4
Timer Prescaler 2 to 0
(TPSC2 to TPSC0)
1
1
1
Count with the TCNT2 overflow/underflow
Notes:
1. Setting the SYNC bit of the TSYR to 1 sets the synchronization.
2. The bit 7 of channels 1 is reserved. It always reads 0, and cannot be modified.
3. X: 0 or 1, don't care.
4. These settings are ineffective when channel 1 is in phase counting mode.
5. Internal clock edge selection is effective when the input clock is
φ/4 or slower. These settings are
ignored when
φ/1, or the overflow/underflow of another channel is selected for the input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com