Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 691 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 691 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 687Page - Renesas Technology Corp SH7014 Datasheet HTML 688Page - Renesas Technology Corp SH7014 Datasheet HTML 689Page - Renesas Technology Corp SH7014 Datasheet HTML 690Page - Renesas Technology Corp SH7014 Datasheet HTML 691Page - Renesas Technology Corp SH7014 Datasheet HTML 692Page - Renesas Technology Corp SH7014 Datasheet HTML 693Page - Renesas Technology Corp SH7014 Datasheet HTML 694Page - Renesas Technology Corp SH7014 Datasheet HTML 695Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 657 of 716
REJ09B0398-0500
A/D (SH7016, SH7017)
A/D Data Register A to D (ADDRA to ADDRD)
H'FFFF8420
H'FFFF8422
H'FFFF8424
H'FFFF8426
8/16
Bit
Item
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit name
AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0
―
―
―
―
―
―
Initial value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
A/D Control/Status Register (ADCSR)
H'FFFF8428
8/16
Bit
Item
7
6
5
4
3
2
1
0
Bit name
ADF
ADIE
ADST
SCAN
CKS
CH2
CH1
CH0
Initial value
0
0
0
0
0
0
0
0
R/W
R/(W)*
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
*
Only 0 can be written to bit 7 to clear the flag.
Bit
Name
Value
Description
0
Clear conditions:
(initial value)
1.
Writing 0 to ADF after reading ADF with ADF
= 1
2.
When registers of the mid-speed converter
are accessed after the DMAC is activated by
ADI interrupt
7
A/D End Flag (ADF)
1
Set conditions:
1.
Single mode: When A/D conversion is
complete
2.
Scan mode: When A/D conversion of all
designated channels are complete
0
Disables interrupt request (ADI) due to
completion of A/D conversion
(initial value)
6
A/D Interrupt Enable (ADIE)
1
Enables interrupt request (ADI) due to
completion of A/D conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com