Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 690 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 690 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 686Page - Renesas Technology Corp SH7014 Datasheet HTML 687Page - Renesas Technology Corp SH7014 Datasheet HTML 688Page - Renesas Technology Corp SH7014 Datasheet HTML 689Page - Renesas Technology Corp SH7014 Datasheet HTML 690Page - Renesas Technology Corp SH7014 Datasheet HTML 691Page - Renesas Technology Corp SH7014 Datasheet HTML 692Page - Renesas Technology Corp SH7014 Datasheet HTML 693Page - Renesas Technology Corp SH7014 Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 656 of 716
REJ09B0398-0500
A/D (SH7014)
A/D Control Register (ADCR)
H'FFFF83E1
8/16
Bit
Item
7
6
5
4
3
2
1
0
Bit name
―
PWR
TRGS1
TRGS0
SCAN
DSMP
BUFE1
BUFE0
Initial value
0
0
0
0
0
0
0
0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
Low power conversion mode
(initial value)
6
Power (PWR)
1
High speed start mode
0
Enable A/D conversion start by software
(initial value)
0
1
Enables A/D conversion start by MTU conversion start
trigger
0
5, 4
Timer Trigger Select 1, 0
(TRGS1, TRGS0)
1
1
Reserved
0
Single mode
(initial value)
3
Scan Mode (SCAN)
1
Scan mode
0
Normal sampling operation
(initial value)
2
Simultaneous Sampling
(DSMP)
1
Simultaneous sampling operation
0
Normal operation
(initial value)
0
1
ADDRA and ADDRB buffer operation:
conversion result
→ ADDRA → ADDRB
0
ADDRA and ADDRC, also ADDRB and ADDRD buffer
operation:
conversion result 1
→ ADDRA → ADDRC, conversion
result 2
→ ADDRB → ADDRD (ADDRC and ADDRD are
buffer registers)
1, 0
Buffer Enable 1, 0
(BUFE1, BUFE0)
1
1
ADDRA to ADDRD buffer operation:
conversion result
→ ADDRA → ADDRB → ADDRC →
ADDRD (ADDRB to ADDRD are buffer registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com