Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 686 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 686 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 682Page - Renesas Technology Corp SH7014 Datasheet HTML 683Page - Renesas Technology Corp SH7014 Datasheet HTML 684Page - Renesas Technology Corp SH7014 Datasheet HTML 685Page - Renesas Technology Corp SH7014 Datasheet HTML 686Page - Renesas Technology Corp SH7014 Datasheet HTML 687Page - Renesas Technology Corp SH7014 Datasheet HTML 688Page - Renesas Technology Corp SH7014 Datasheet HTML 689Page - Renesas Technology Corp SH7014 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 652 of 716
REJ09B0398-0500
SCI
Bit
Name
Value
Description
0
Transmission is in progress
Clearing conditions:
•
When 0 is written to TDRE after reading TDRE = 1
•
When DMAC writes data in TDR
2
Transmit End (TEND)
1
End of transmission
(initial value)
Clearing conditions:
•
Power-on reset or standby mode
•
When the TE bit in SCR is 0
•
When TDRE = at transmission of the last bit of a
1-byte serial transmit character
0
Multiprocessor bit value in receive data is 0*
7
(initial value)
1
Multiprocessor Bit (MPB)
1
Multiprocessor bit value in receive data is 1
0
Multiprocessor bit value in transmit data is 0 (initial value)
0
Multiprocessor Bit Transfer
(MPBT)
1
Multiprocessor bit value in transmit data is 1
Notes:
1. The ORER flag is not affected and retains their previous values when the RE bit in SCR is cleared
to 0.
2. RDR continues to hold the data received before the overrun error, so subsequent receive data is
lost. Serial receiving cannot continue while ORER is set to 1. In the clock synchronous mode,
serial transmitting is disabled.
3. The FER flag is not affected and retains their previous values when the RE bit in SCR is cleared to
0.
4. When the stop bit length is two bits, only the first bit is checked to see if it is a 1. The second stop
bit is not checked. When a framing error occurs, the SCI transfers the receive data into the RDR
but does not set RDRF. Serial receiving cannot continue while FER is set to 1. In the clock
synchronous mode, serial transmitting is also disabled. In addition, serial transmission cannot
continue in clock synchronous mode.
5. The PER flag is not affected and retains their previous values when the RE bit in SCR is cleared to
0.
6. When a parity error occurs, the SCI transfers the receive data into the RDR but does not set
RDRF. Serial receiving cannot continue while PER is set to 1. In the clock synchronous mode,
serial transmitting is also disabled. In addition, serial transmission cannot continue in clock
synchronous mode.
7. If RE is cleared to 0 when a multiprocessor format is selected, the MPB retains its previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com