Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 678Page - Renesas Technology Corp SH7014 Datasheet HTML 679Page - Renesas Technology Corp SH7014 Datasheet HTML 680Page - Renesas Technology Corp SH7014 Datasheet HTML 681Page - Renesas Technology Corp SH7014 Datasheet HTML 682Page - Renesas Technology Corp SH7014 Datasheet HTML 683Page - Renesas Technology Corp SH7014 Datasheet HTML 684Page - Renesas Technology Corp SH7014 Datasheet HTML 685Page - Renesas Technology Corp SH7014 Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 648 of 716
REJ09B0398-0500
SCI
Serial Control Register (SCR)
H'FFFF81A2 (Channel 0)
H'FFFF81B2 (Channel 1)
8/16
Bit
Item
7
6
5
4
3
2
1
0
Bit name
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
Transmit-data-empty interrupt request (TXI) is disabled *
1
(initial value)
7
Transmit Interrupt Enable
(TIE)
1
Transmit-data-empty interrupt request (TXI) is enabled
0
Receive-data-full interrupt (RXI) and receive-error interrupt
(ERI) requests are disabled*
2
(initial value)
6
Receive Interrupt Enable
(RIE)
1
Receive-data-full interrupt (RXI) and receive-error interrupt
(ERI) requests are enabled
0
Transmitter disabled*
3
(initial value)
5
Transmit Enable (TE)
1
Transmitter enabled*
4
0
Receiver disabled*
5
(initial value)
4
Receive Enable (RE)
1
Receiver enabled*
6
0
Multiprocessor interrupts are disabled
(initial value)
(normal receive operation)
MPIE is cleared when the MPIE bit is cleared to 0, or the
multiprocessor bit (MPB) is set to 1 in receive data.
3
Multiprocessor Interrupt
Enable (MPIE)
1
Multiprocessor interrupts are enabled*
7
Receive-data-full interrupt requests (RXI), receive-error
interrupt requests (ERI), and setting of the RDRF, FER, and
ORER status flags in the serial status register (SSR) are
disabled until data with the multiprocessor bit set to 1 is
received.
0
Transmit-end interrupt (TEI) requests are disabled*
8
(initial value)
2
Transmit-End Interrupt
Enable (TEIE)
1
Transmit-end interrupt (TEI) requests are enabled*
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com