Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 674Page - Renesas Technology Corp SH7014 Datasheet HTML 675Page - Renesas Technology Corp SH7014 Datasheet HTML 676Page - Renesas Technology Corp SH7014 Datasheet HTML 677Page - Renesas Technology Corp SH7014 Datasheet HTML 678Page - Renesas Technology Corp SH7014 Datasheet HTML 679Page - Renesas Technology Corp SH7014 Datasheet HTML 680Page - Renesas Technology Corp SH7014 Datasheet HTML 681Page - Renesas Technology Corp SH7014 Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 644 of 716
REJ09B0398-0500
WDT
Timer Counter (TCNT)
H'FFFF8610 (Write)*
1
H'FFFF8611 (Read)*
2
―
Bit
Item
7
6
5
4
3
2
1
0
Bit name
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Notes:
1. Write by word transfer. It cannot be written in byte or longword.
2. Read by byte transfer. It cannot be read in word or longword.
Timer Control/Status Register (TCSR)
H'FFFF8610
―
Bit
Item
7
6
5
4
3
2
1
0
Bit name
OVF
WT/
IT
TME
―
―
CKS2
CKS1
CKS0
Initial value
0
0
0
0
0
0
0
0
R/W
R/(W)*
R/W
R/W
R
R
R/W
R/W
R/W
Note:
*
The TCSR differs from other registers in that it is more difficult to write to. See section 11.2.4,
Register Access, for details.
Bit
Name
Value
Description
0
No overflow of TCNT in interval timer mode
(initial value)
Cleared by reading OVF, then writing 0 in OVF
7
Overflow Flag (OVF)
1
TCNT overflow in the interval timer mode
0
Interval timer mode: interval timer interrupt request to the
CPU when TCNT overflows
(initial value)
6
Timer Mode Select (WT/
IT)
1
Watchdog timer mode:
WDTOVF signal output externally
when TCNT overflows*
1
0
Timer disabled: TCNT is initialized to H'00 and count-up
stops
(initial value)
5
Timer Enable (TME)
1
Timer enabled: TCNT starts counting. A
WDTOVF signal
or interrupt is generated when TCNT overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com