Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 675 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 675 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 671Page - Renesas Technology Corp SH7014 Datasheet HTML 672Page - Renesas Technology Corp SH7014 Datasheet HTML 673Page - Renesas Technology Corp SH7014 Datasheet HTML 674Page - Renesas Technology Corp SH7014 Datasheet HTML 675Page - Renesas Technology Corp SH7014 Datasheet HTML 676Page - Renesas Technology Corp SH7014 Datasheet HTML 677Page - Renesas Technology Corp SH7014 Datasheet HTML 678Page - Renesas Technology Corp SH7014 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 641 of 716
REJ09B0398-0500
MTU
Timer Status Register 2 (TSR2)
H'FFFF82A5
8/16/32
Bit
Item
7
6
5
4
3
2
1
0
Bit name
TCFD
―
TCFU
TCFV
―
―
TGFB
TGFA
Initial value
1
1
0
0
0
0
0
0
R/W
R
R
R/(W)*
R/(W)*
R
R
R/(W)*
R/(W)*
Note:
*
Only 0 writes to clear the flags are possible.
Bit
Name
Value
Description
0
TCNT counts down
7
Count Direction Flag (TCFD)
1
TCNT counts up
(initial value)
0
Clear condition: With TCFU = 1, a 0 write to TCFU
after reading it
(initial value)
5
Underflow Flag (TCFU)
1
Set condition: When the TCNT value underflows
(H'0000
→ H'FFFF)
0
Clear condition: With TCFV = 1, a 0 write to TCFV
after reading it
(initial value)
4
Overflow Flag (TCFV)
1
Set condition: When the TCNT value overflows
(H'FFFF
→ H'0000)
0
Clear condition: With TGFB = 1, a 0 write to TGFB
following a read
(initial value)
1
Input Capture/Output Compare
Flag B (TGFB)
1
Set conditions:
•
When TGRB is functioning as an output compare
register (TCNT = TGRB)
•
When TGRB is functioning as input capture (the
TCNT value is sent to TGRB by the input capture
signal)
0
Clear condition: With TGFA = 1, a 0 write to TGFA
following a read*
(initial value)
0
Input Capture/Output Compare
Flag A (TGFA)
1
Set conditions:
•
When TGRA is functioning as an output compare
register (TCNT = TGRA)
•
When TGRA is functioning as input capture (the
TCNT value is sent to TGRA by the input capture
signal)
Note:
*
Cleared by DMAC transfer due to TGFA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com