Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 675Page - Renesas Technology Corp SH7014 Datasheet HTML 676Page - Renesas Technology Corp SH7014 Datasheet HTML 677Page - Renesas Technology Corp SH7014 Datasheet HTML 678Page - Renesas Technology Corp SH7014 Datasheet HTML 679Page - Renesas Technology Corp SH7014 Datasheet HTML 680Page - Renesas Technology Corp SH7014 Datasheet HTML 681Page - Renesas Technology Corp SH7014 Datasheet HTML 682Page - Renesas Technology Corp SH7014 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 645 of 716
REJ09B0398-0500
WDT
Description
Bit
Name
Value
Clock Source
Overflow Interval*
2
(
φ = 28.7 MHz)
0
φ/2
(Initial value) 17.9
μs
0
1
φ/64
573.4
μs
0
φ/128
1.1 ms
0
1
1
φ/256
2.3 ms
0
φ/512
4.6 ms
0
1
φ/1024
9.2 ms
0
φ/4096
36.7 ms
2 to 0
Clock Select 2 to 0
(CKS2 to CKS0)
1
1
1
φ/8192
73.4 ms
Notes:
1. Section 11.2.3, Reset Control/Status Register (RSTCSR), describes in detail what happens when
TCNT overflows in the watchdog timer mode.
2. The overflow interval listed is the time from when the TCNT begins counting at H'00 until an
overflow occurs.
Reset Control/Status Register (RSTCSR)
H'FFFF8612 (Write)
H'FFFF8613 (Read)
―
Bit
Item
7
6
5
4
3
2
1
0
Bit name
WOVF
RSTE
―
―
―
―
―
―
Initial value
0
0
0
1
1
1
1
1
R/W
R/(W)*
R/W
R
R
R
R
R
R
Note:
*
Only 0 can be written in bit 7 to clear the flag.
Bit
Name
Value
Description
0
No TCNT overflow in watchdog timer mode
(initial value)
Cleared when software reads WOVF, then writes 0 in
WOVF
7
Watchdog Timer Overflow Flag
(WOVF)
1
Set by TCNT overflow in watchdog timer mode
0
Not reset when TCNT overflows
(initial value)
LSI not reset internally, but TCNT and TCSR reset
within WDT.
6
Reset Enable (RSTE)
1
Reset when TCNT overflows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com