Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 681 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 681 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 677Page - Renesas Technology Corp SH7014 Datasheet HTML 678Page - Renesas Technology Corp SH7014 Datasheet HTML 679Page - Renesas Technology Corp SH7014 Datasheet HTML 680Page - Renesas Technology Corp SH7014 Datasheet HTML 681Page - Renesas Technology Corp SH7014 Datasheet HTML 682Page - Renesas Technology Corp SH7014 Datasheet HTML 683Page - Renesas Technology Corp SH7014 Datasheet HTML 684Page - Renesas Technology Corp SH7014 Datasheet HTML 685Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 647 of 716
REJ09B0398-0500
SCI
Serial Mode Register (SMR)
H'FFFF81A0 (Channel 0)
H'FFFF81B0 (Channel 1)
8/16
Bit
Item
7
6
5
4
3
2
1
0
Bit name
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
Asynchronous mode
(initial value)
7
Communication Mode (C/
A)
1
Clocked synchronous mode
0
Eight-bit data
(initial value)
6
Character Length (CHR)
1
Seven-bit data*
1
0
Parity bit not added or checked
(initial value)
5
Parity Enable (PE)
1
Parity bit added and checked*
2
0
Even parity*
3
(initial value)
4
Parity Mode (O/
E)
1
Odd parity*
4
0
One stop bit*
5
(initial value)
3
Stop Bit Length (STOP)
1
Two stop bits*
6
0
Multiprocessor function disabled
(initial value)
2
Multiprocessor Mode (MP)
1
Multiprocessor format selected
0
φ
(initial value)
0
1
φ/4
0
φ/16
1, 0
Clock Select 1 and 0
(CKS1 and CKS0)
1
1
φ/64
Notes:
1. When 7-bit data is selected, the MSB (bit 7) of the transmit data register is not transmitted.
2. When PE is set to 1, an even or odd parity bit is added to transmit data, depending on the parity
mode (O/
E) setting. Receive data parity is checked according to the even/odd (O/E) mode setting.
3. If even parity is selected, the parity bit is added to transmit data to make an even number of 1s in
the transmitted character and parity bit combined. Receive data is checked to see if it has an even
number of 1s in the received character and parity bit combined.
4. If odd parity is selected, the parity bit is added to transmit data to make an odd number of 1s in the
transmitted character and parity bit combined. Receive data is checked to see if it has an odd
number of 1s in the received character and parity bit combined.
5. In transmitting, a single bit of 1 is added at the end of each transmitted character.
6. In transmitting, two bits of 1 are added at the end of each transmitted character.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com