Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 703 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 703 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 699Page - Renesas Technology Corp SH7014 Datasheet HTML 700Page - Renesas Technology Corp SH7014 Datasheet HTML 701Page - Renesas Technology Corp SH7014 Datasheet HTML 702Page - Renesas Technology Corp SH7014 Datasheet HTML 703Page - Renesas Technology Corp SH7014 Datasheet HTML 704Page - Renesas Technology Corp SH7014 Datasheet HTML 705Page - Renesas Technology Corp SH7014 Datasheet HTML 706Page - Renesas Technology Corp SH7014 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 669 of 716
REJ09B0398-0500
PFC
Bit
Name
Value
Description
0
General input/output (PC8)
A8 in on-chip ROM invalid mode)
(initial value)
8
PC8 Mode (PC8MD)
1
Address output (A8) (PC8 in single chip mode)
0
General input/output (PC7)
(A7 in on-chip ROM invalid mode)
(initial value)
7
PC7 Mode (PC7MD)
1
Address output (A7) (PC7 in single chip mode)
0
General input/output (PC6)
(A6 in on-chip ROM invalid mode)
(initial value)
6
PC6 Mode (PC6MD)
1
Address output (A6) (PC6 in single chip mode)
0
General input/output (P5)
(A5 in on-chip ROM invalid mode)
(initial value)
5
PC5 Mode (PC5MD)
1
Address output (A5) (PC5 in single chip mode)
0
General input/output (PC4)
(A4 in on-chip ROM invalid mode)
(initial value)
4
PC4 Mode (PC4MD)
1
Address output (A4) (PC4 in single chip mode)
0
General input/output (PC3)
(A3 in on-chip ROM invalid mode)
(initial value)
3
PC3 Mode (PC3MD)
1
Address output (A3) (PC3 in single chip mode)
0
General input/output (PC2)
(A2 in on-chip ROM invalid mode)
(initial value)
2
PC2 Mode (PC2MD)
1
Address output (A2) (PC2 in single chip mode)
0
General input/output (PC1)
(A1 in on-chip ROM invalid mode)
(initial value)
1
PC1 Mode (PC1MD)
1
Address output (A1) (PC1 in single chip mode)
0
General input/output (PC0)
(A0 in on-chip ROM invalid mode)
(initial value)
0
PC0 Mode (PC0MD)
1
Address output (A0) (PC0 in single chip mode)
Port D I/O Register L (PDIORL) (SH7016, SH7017)
H'FFFF83A6
H'FFFF83A7
8/16/32
Bit
Item
15
14
13
12
11
10
9
8
Bit name
PD15IOR
PD14IOR
PD13IOR
PD12IOR
PD11IOR
PD10IOR
PD9IOR
PD8IOR
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Item
7
6
5
4
3
2
1
0
Bit name
PD7IOR
PD6IOR
PD5IOR
PD4IOR
PD3IOR
PD2IOR
PD1IOR
PD0IOR
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com