Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 705 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 705 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 701Page - Renesas Technology Corp SH7014 Datasheet HTML 702Page - Renesas Technology Corp SH7014 Datasheet HTML 703Page - Renesas Technology Corp SH7014 Datasheet HTML 704Page - Renesas Technology Corp SH7014 Datasheet HTML 705Page - Renesas Technology Corp SH7014 Datasheet HTML 706Page - Renesas Technology Corp SH7014 Datasheet HTML 707Page - Renesas Technology Corp SH7014 Datasheet HTML 708Page - Renesas Technology Corp SH7014 Datasheet HTML 709Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 671 of 716
REJ09B0398-0500
PFC
Bit
Name
Value
Description
0
General input/output (PD8)
(D8 in on-chip ROM invalid mode)
(initial value)
8
PD8 Mode (PD8MD)
1
Data input/output (D8) (PD8 in single chip mode)
0
General input/output (PD7)
(D7 in on-chip ROM invalid mode)
(initial value)
7
PD7 Mode (PD7MD)
1
Data input/output (D7) (PD7 in single chip mode)
0
General input/output (PD6)
(D6 in on-chip ROM invalid mode)
(initial value)
6
PD6 Mode (PD6MD)
1
Data input/output (D6) (PD6 in single chip mode)
0
General input/output (PD5)
(D5 in on-chip ROM invalid mode)
(initial value)
5
PD5 Mode (PD5MD)
1
Data input/output (D5) (PD5 in single chip mode)
0
General input/output (PD4)
(D4 in on-chip ROM invalid mode)
(initial value)
4
PD4 Mode (PD4MD)
1
Data input/output (D4) (PD4 in single chip mode)
0
General input/output (PD3)
(D3 in on-chip ROM invalid mode)
(initial value)
3
PD3 Mode (PD3MD)
1
Data input/output (D3) (PD3 in single chip mode)
0
General input/output (PD2)
(D2 in on-chip ROM invalid mode)
(initial value)
2
PD2 Mode (PD2MD)
1
Data input/output (D2) (PD2 in single chip mode)
0
General input/output (PD1)
(D1 in on-chip ROM invalid mode)
(initial value)
1
PD1 Mode (PD1MD)
1
Data input/output (D1) (PD1 in single chip mode)
0
General input/output (PD0)
(D0 in on-chip ROM invalid mode)
(initial value)
0
PD0 Mode (PD0MD)
1
Data input/output (D0) (PD0 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com