Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 113Page - Renesas Technology Corp SH7014 Datasheet HTML 114Page - Renesas Technology Corp SH7014 Datasheet HTML 115Page - Renesas Technology Corp SH7014 Datasheet HTML 116Page - Renesas Technology Corp SH7014 Datasheet HTML 117Page - Renesas Technology Corp SH7014 Datasheet HTML 118Page - Renesas Technology Corp SH7014 Datasheet HTML 119Page - Renesas Technology Corp SH7014 Datasheet HTML 120Page - Renesas Technology Corp SH7014 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 83 of 716
REJ09B0398-0500
Bit 8
⎯NMI Edge Select (NMIE)
Bit 8
NMIE
Description
0
Interrupt request is detected on falling edge of NMI input
(initial value)
1
Interrupt request is detected on rising edge of NMI input
Bits 7 to 4, 1, 0
⎯IRQ0 to IRQ3, IRQ6, IRQ7 Sense Select (IRQ0S to IRQ3S, IRQ6S,
IRQ7S): These bits set the IRQ0 to IRQ3, IRQ6, IRQ7 interrupt request detection mode.
Bits 7 to 4, 1, 0
IRQ0S to IRQ3S, IRQ6S,
IRQ7S
Description
0
Interrupt request is detected on low level of IRQ input
(initial value)
1
Interrupt request is detected on falling edge of IRQ input
6.3.3
IRQ Status Register (ISR)
The ISR is a 16-bit register that indicates the interrupt request status of the external interrupt input
pins
IRQ0 to IRQ3, IRQ6, IRQ7. When IRQ interrupts are set to edge detection, held interrupt
requests can be withdrawn by writing a 0 to IRQnF after reading an IRQnF = 1.
A power-on reset initializes ISR but the standby mode does not.
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
IRQ0F
IRQ1F
IRQ2F
IRQ3F
⎯
⎯
IRQ6F
IRQ7F
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Bits 15 to 8, 3, 2
⎯Reserved: These bits always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com