Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 118Page - Renesas Technology Corp SH7014 Datasheet HTML 119Page - Renesas Technology Corp SH7014 Datasheet HTML 120Page - Renesas Technology Corp SH7014 Datasheet HTML 121Page - Renesas Technology Corp SH7014 Datasheet HTML 122Page - Renesas Technology Corp SH7014 Datasheet HTML 123Page - Renesas Technology Corp SH7014 Datasheet HTML 124Page - Renesas Technology Corp SH7014 Datasheet HTML 125Page - Renesas Technology Corp SH7014 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 88 of 716
REJ09B0398-0500
6.5
Interrupt Response Time
Table 6.5 indicates the interrupt response time, which is the time from the occurrence of an
interrupt request until the interrupt exception processing starts and fetching of the first instruction
of the interrupt service routine begins. Figure 6.5 shows the pipeline when an IRQ interrupt is
accepted.
Table 6.5
Interrupt Response Time
Number of States
Item
NMI, Peripheral
Module
IRQ
Notes
DMAC active judgment
0 or 1
1
1 state required for interrupt
signals for which DMAC
activation is possible
Compare identified inter-
rupt priority with SR mask
level
2
3
Wait for completion of
sequence currently being
executed by CPU
X (
≥ 0)
The longest sequence is for
interrupt or address-error
exception processing (X = 4
+ m1 + m2 + m3 + m4). If an
interrupt-masking instruction
follows, however, the time
may be even longer.
Time from start of interrupt
exception processing until
fetch of first instruction of
exception service routine
starts
5 + m1 + m2 + m3
Performs the PC and SR
saves and vector address
fetch.
Total: 7 + m1 + m2 + m3
9 + m1 + m2 + m3
Minimum: 10
12
0.35 to 0.42
μs at 28.7 MHz
Interrupt
response
time
Maximum: 12 + 2 (m1 + m2 +
m3) + m4
13 + 2 (m1 + m2 +
m3) + m4
0.67 to 0.70
μs at 28.7
MHz*
Note:
When m1 = m2 = m3 = m4 = 1
m1 to m4 are the number of states needed for the following memory accesses.
m1: SR save (longword write)
m2: PC save (longword write)
m3: Vector address read (longword read)
m4: Fetch first instruction of interrupt service routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com