Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 121Page - Renesas Technology Corp SH7014 Datasheet HTML 122Page - Renesas Technology Corp SH7014 Datasheet HTML 123Page - Renesas Technology Corp SH7014 Datasheet HTML 124Page - Renesas Technology Corp SH7014 Datasheet HTML 125Page - Renesas Technology Corp SH7014 Datasheet HTML 126Page - Renesas Technology Corp SH7014 Datasheet HTML 127Page - Renesas Technology Corp SH7014 Datasheet HTML 128Page - Renesas Technology Corp SH7014 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 754 page
background image
7. Cache Memory (CAC)
Rev.5.00 Sep. 27, 2007 Page 91 of 716
REJ09B0398-0500
Section 7 Cache Memory (CAC)
7.1
Overview
The LSI has an on-chip cache memory (CAC: CAChe) with 1 kbyte of cache data and a 256-entry
cache tag. The cache data and cache tag space can be used as on-chip RAM space when the cache
is not being used.
7.1.1
Features
The CAC has the following features. The cache tag and cache data configuration is shown in
figure 7.1.
• 1-kbyte capacity
• External memory (CS space and DRAM space) instruction code and PC relative data caching
• 256 entry cache tag (tag address 15 bits)
• 4-byte line length
• Direct map replacement algorithm
• Valid flag (1 bit) included for purges
Cache tag
256 entries
Data (32 bits)
Tag address (15 bits)
Cache data
Data bus
Hit signal
CPU
address
Tag
address
Entry
address
Offset
Valid bit (1 bit)
CMP
15
8
2
Figure 7.1 Cache Tag and Cache Data Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com