Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 124Page - Renesas Technology Corp SH7014 Datasheet HTML 125Page - Renesas Technology Corp SH7014 Datasheet HTML 126Page - Renesas Technology Corp SH7014 Datasheet HTML 127Page - Renesas Technology Corp SH7014 Datasheet HTML 128Page - Renesas Technology Corp SH7014 Datasheet HTML 129Page - Renesas Technology Corp SH7014 Datasheet HTML 130Page - Renesas Technology Corp SH7014 Datasheet HTML 131Page - Renesas Technology Corp SH7014 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 754 page
background image
7. Cache Memory (CAC)
Rev.5.00 Sep. 27, 2007 Page 94 of 716
REJ09B0398-0500
7.2
Register Explanation
7.2.1
Cache Control Register (CCR)
The cache control register (CCR) selects the cache enable/disable of each space.
The CCR is a 16-bit readable/writable register. It is initialized to H'0000 by power on resets, but is
not initialized by standby mode.
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
*
*
*
*
*
*
*
*
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
⎯
⎯
⎯
CE
DRAM
CE
CS3
CE
CS2
CE
CS1
CE
CS0
Initial value:
*
*
*
0
0
0
0
0
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
Note:
*
Bits 15 to 5 are undefined.
Bits 15 to 5
⎯Reserved: Reading these bits gives undefined values. The write value should
always be 0.
Bit 4
⎯DRAM Space Cache Enable (CEDRAM): Selects whether to use DRAM space as a
cache object (enable) or to exclude it (disable). A 0 disables, and a 1 enables such use.
Bit 4
CEDRAM
Description
0
DRAM space cache disabled
(initial value)
1
DRAM space cache enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com