Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 136Page - Renesas Technology Corp SH7014 Datasheet HTML 137Page - Renesas Technology Corp SH7014 Datasheet HTML 138Page - Renesas Technology Corp SH7014 Datasheet HTML 139Page - Renesas Technology Corp SH7014 Datasheet HTML 140Page - Renesas Technology Corp SH7014 Datasheet HTML 141Page - Renesas Technology Corp SH7014 Datasheet HTML 142Page - Renesas Technology Corp SH7014 Datasheet HTML 143Page - Renesas Technology Corp SH7014 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 106 of 716
REJ09B0398-0500
• In on-chip ROM disabled mode
Address
Space
Memory
Size
Bus Width
H'00000000 to H'003FFFFF
CS0 space
Ordinary space
4 Mbytes
8/16 bits*
3
H'00400000 to H'007FFFFF
CS1 space
Ordinary space
4 Mbytes
8/16 bits*
1
H'00800000 to H'00BFFFFF
CS2 space
Ordinary space
4 Mbytes
8/16 bits*
1
H'00C00000 to H'00FFFFFF
CS3 space
Ordinary space or multiplex
I/O space
4 Mbytes
8/16 bits*
2
H'01000000 to H'01FFFFFF
DRAM space
DRAM
16 Mbytes 8/16 bits*
1
H'02000000 to H'FFFF7FFF
Reserved
H'FFFF8000 to H'FFFF87FF
On-chip
peripheral
module
On-chip peripheral module
2 kbytes
8/16 bits
H'FFFF8800 to H'FFFFEFFF Reserved
H'FFFFF000 to H'FFFFFFFF*
6 On-chip RAM On-chip RAM
4 kbytes
32 bits
Notes: Do not access reserved space, as operation cannot be guaranteed in this case.
In single-chip mode, space other than on-chip ROM, on-chip RAM, and on-chip peripheral
module space cannot be used.
1. Selected by on-chip register settings.
2. Ordinary space: selected by on-chip register settings.
Multiplex I/O space: 8/16 bits selected by the A14 bit.
3. 8/16 bits selected by the mode pin.
4. In the 64-kbyte on-chip ROM version (SH7016), on-chip ROM addresses are
H'00000000 to H'0000FFFF, and addresses H'00010000 to H'0001FFFF are reserved
space.
5. SH7016/17 only.
6. In the 3-kbyte on-chip RAM versions (SH7014/16), on-chip RAM addresses are
H'FFFFF000 to H'FFFFFBFF, and addresses H'FFFFFC00 to H'FFFFFFFF are
reserved space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com