Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 165Page - Renesas Technology Corp SH7014 Datasheet HTML 166Page - Renesas Technology Corp SH7014 Datasheet HTML 167Page - Renesas Technology Corp SH7014 Datasheet HTML 168Page - Renesas Technology Corp SH7014 Datasheet HTML 169Page - Renesas Technology Corp SH7014 Datasheet HTML 170Page - Renesas Technology Corp SH7014 Datasheet HTML 171Page - Renesas Technology Corp SH7014 Datasheet HTML 172Page - Renesas Technology Corp SH7014 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 135 of 716
REJ09B0398-0500
8.4.5
Refresh Timing
The bus state controller is equipped with a function to control refreshes of DRAM. CAS-before-
RAS (CBR) refresh or self-refresh can be selected by setting the RTCSR's RMD bit.
CAS-before-RAS Refresh: For CBR refreshes, set the RCR's RMD bit to 0 and the RFSH bit to
1. Also write the values in RTCNT and RTCOR necessary to fulfill the refresh interval prescribed
for the DRAM being used. When a clock is selected with the CKS2 to CKS0 bits of the RSTCR,
RTCNT starts counting up from the value at that time. The RTCNT value is constantly compared
to the RTCOR value and a CBR refresh is performed when the two match. RTCNT is cleared at
that time and the count starts again. Figure 8.15 shows the timing for the CBR refresh operation.
The number of RAS assert cycles in the refresh cycle is set by the TRAS1, TRAS0 bits of the
DCR.
CK
CASx
RAS
TRp
TRr1
TRr2
TRc
TRc
Figure 8.15 CAS-Before-RAS Refresh Timing (TRAS1, TRAS0 = 0, 0)
Self-Refresh: When both the RMD and RFSH bits of the RTCSR are set to 1, the
CAS signal and
RAS signal are output and the DRAM enters self-refresh mode, as shown in figure 8.16. Do not
access DRAM during self-refreshes, in order to preserve DRAM data. When performing DRAM
accesses, first cancel the self-refresh, then access only after doing individual refreshes for all row
addresses within the time prescribed for the particular DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com