Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 202Page - Renesas Technology Corp SH7014 Datasheet HTML 203Page - Renesas Technology Corp SH7014 Datasheet HTML 204Page - Renesas Technology Corp SH7014 Datasheet HTML 205Page - Renesas Technology Corp SH7014 Datasheet HTML 206Page - Renesas Technology Corp SH7014 Datasheet HTML 207Page - Renesas Technology Corp SH7014 Datasheet HTML 208Page - Renesas Technology Corp SH7014 Datasheet HTML 209Page - Renesas Technology Corp SH7014 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 172 of 716
REJ09B0398-0500
Bus Mode and Channel Priority Order
When a given channel is transferring in burst mode, and a transfer request is issued to channel 0,
which has a higher priority ranking, transfer on channel 0 begins immediately. Channel 1 transfer
is continued after transfer on channel 0 are completely ended, whether the channel 0 setting is
cycle steal mode or burst mode.
9.3.5
Number of Bus Cycle States and DREQ Pin Sample Timing
Number of States in Bus Cycle: The number of states in the bus cycle when the DMAC is the
bus master is controlled by the bus state controller (BSC) just as it is when the CPU is the bus
master. For details, see section 8, Bus State Controller.
DREQ Pin Sampling Timing and DRAK Signal: In external request mode, the DREQ pin is
sampled by either falling edge or low-level detection. When a
DREQ input is detected, a DMAC
bus cycle is issued and DMA transfer effected, at the earliest, after three states. However, in burst
mode when single address operation is specified, a dummy cycle is inserted for the first bus cycle.
In this case, the actual data transfer starts from the second bus cycle. Data is transferred
continuously from the second bus cycle. The dummy cycle is not counted in the number of
transfer cycles, so there is no need to recognize the dummy cycle when setting the DMATCR.
DREQ sampling from the second time begins from the start of the transfer one bus cycle prior to
the DMAC transfer generated by the previous sampling.
DRAK is output once for the first
DREQ sampling, irrespective of transfer mode or DREQ
detection method. In burst mode, using edge detection,
DREQ is sampled for the first cycle only,
so DRAK is also output for the first cycle only. Therefore, the
DREQ signal negate timing can be
ascertained, and this facilitates handshake operations of transfer requests with the DMAC.
Cycle Steal Mode Operations: In cycle steal mode,
DREQ sampling timing is the same
irrespective of dual or single address mode, or whether edge or low-level
DREQ detection is used.
For example, DMAC transfer begins (figure 9.9), at the earliest, three cycles from the first
sampling timing. The second sampling begins at the start of the transfer one bus cycle prior to the
start of the DMAC transfer initiated by the first sampling (i.e., from the start of the CPU(3)
transfer). At this point, if
DREQ detection has not occurred, sampling is executed every cycle
thereafter.
As in figure 9.10, whatever cycle the CPU transfer cycle is, the next sampling begins from the
start of the transfer one bus cycle before the DMAC transfer begins.
Figure 9.9 shows an example of output during DACK read and figure 9.10 an example of output
during DACK write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com