Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 200Page - Renesas Technology Corp SH7014 Datasheet HTML 201Page - Renesas Technology Corp SH7014 Datasheet HTML 202Page - Renesas Technology Corp SH7014 Datasheet HTML 203Page - Renesas Technology Corp SH7014 Datasheet HTML 204Page - Renesas Technology Corp SH7014 Datasheet HTML 205Page - Renesas Technology Corp SH7014 Datasheet HTML 206Page - Renesas Technology Corp SH7014 Datasheet HTML 207Page - Renesas Technology Corp SH7014 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 170 of 716
REJ09B0398-0500
Bus Modes
Select the appropriate bus mode in the TM bits of CHCR0, CHCR1. There are two bus modes:
cycle steal and burst.
Cycle-Steal Mode: In the cycle steal mode, the bus right is given to another bus master after each
one-transfer-unit (byte, word, or longword) DMAC transfer. When the next transfer request
occurs, the bus rights are obtained from the other bus master and a transfer is performed for one
transfer unit. When that transfer ends, the bus right is passed to the other bus master. This is
repeated until the transfer end conditions are satisfied.
The cycle steal mode can be used with all categories of transfer destination, transfer source and
transfer request. Figure 9.7 shows an example of DMA transfer timing in the cycle steal mode.
Transfer conditions are dual address mode and
DREQ level detection.
CPU
CPU
CPU
DMAC DMAC
CPU
DMAC DMAC CPU
CPU
DREQ
Bus cycle
Bus control returned to CPU
Read
Write
Write
Read
Figure 9.7 DMA Transfer Example in the Cycle-Steal Mode
Burst Mode: Once the bus right is obtained, the transfer is performed continuously until the
transfer end condition is satisfied. In the external request mode with low level detection of the
DREQ pin, however, when the DREQ pin is driven high, the bus passes to the other bus master
after the bus cycle of the DMAC that currently has an acknowledged request ends, even if the
transfer end conditions have not been satisfied.
Figure 9.8 shows an example of DMA transfer timing in the burst mode. Transfer conditions are
single address mode and
DREQ level detection.
CPU
CPU
CPU
DMAC DMAC DMAC DMAC DMAC
DREQ
Bus cycle
DMAC
CPU
Figure 9.8 DMA Transfer Example in the Burst Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com