Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 197Page - Renesas Technology Corp SH7014 Datasheet HTML 198Page - Renesas Technology Corp SH7014 Datasheet HTML 199Page - Renesas Technology Corp SH7014 Datasheet HTML 200Page - Renesas Technology Corp SH7014 Datasheet HTML 201Page - Renesas Technology Corp SH7014 Datasheet HTML 202Page - Renesas Technology Corp SH7014 Datasheet HTML 203Page - Renesas Technology Corp SH7014 Datasheet HTML 204Page - Renesas Technology Corp SH7014 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 167 of 716
REJ09B0398-0500
CK
A21 to A0
CSn
D15 to D0
DACK
WRH
WRL
Address output to external memory space
Data that is output from the external
device with DACK
DACK signal to external devices with
DACK (active low)
WR signal to external memory space
a. External device with DACK to external memory space
CK
A21 to A0
CSn
D15 to D0
RD
Address output to external memory space
Data that is output from external memory space
RD signal to external memory space
DACK signal to external device with DACK
(active low)
DACK
b. External memory space to external device with DACK
Figure 9.4 Example of DMA Transfer Timing in the Single Address Mode
Dual Address Mode: Dual address mode is used for access of both the transfer source and
destination by address. Transfer source and destination can be accessed either internally or
externally. In dual address mode, data is read from the transfer source during the data read cycle,
and written to the transfer destination during the write cycle, so transfer is conducted in two bus
cycles. At this time, the transfer data is temporarily stored in the DMAC. With the kind of external
memory transfer shown in figure 9.5, data is read from one of the memories by the DMAC during
a read cycle, then written to the other external memory during the subsequent write cycle. Figure
9.6 shows the timing for this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com