Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 194Page - Renesas Technology Corp SH7014 Datasheet HTML 195Page - Renesas Technology Corp SH7014 Datasheet HTML 196Page - Renesas Technology Corp SH7014 Datasheet HTML 197Page - Renesas Technology Corp SH7014 Datasheet HTML 198Page - Renesas Technology Corp SH7014 Datasheet HTML 199Page - Renesas Technology Corp SH7014 Datasheet HTML 200Page - Renesas Technology Corp SH7014 Datasheet HTML 201Page - Renesas Technology Corp SH7014 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 164 of 716
REJ09B0398-0500
On-Chip Peripheral Module Request Mode: In this mode a transfer is performed at the transfer
request signal (interrupt request signal) of an on-chip peripheral module. As indicated in table 9.4,
there are eight transfer request signals: three from the multifunction timer pulse unit (MTU),
which are compare match or input capture interrupts; the receive data full interrupts (RxI) and
transmit data empty interrupts (TxI) of the two serial communication interfaces (SCI); and the A/D
conversion end interrupt (ADI) of the A/D converter. When DMA transfers are enabled (DE = 1,
DME = 1, TE = 0, NMIF = 0, AE = 0), a transfer is performed upon the input of a transfer request
signal.
The transfer request source need not be the data transfer source or transfer destination. However,
when the transfer request is set by RxI (transfer request because SCI's receive data is full), the
transfer source must be the SCI's receive data register (RDR). When the transfer request is set by
TxI (transfer request because SCI's transmit data is empty), the transfer destination must be the
SCI's transmit data register (TDR). Also, if the transfer request is set to the A/D converter, the data
transfer destination must be the A/D converter register.
Table 9.4
Selecting On-Chip Peripheral Module Request Modes with the RS Bits
RS3 RS2 RS1 RS0
DMAC Transfer
Request Source
DMA Transfer
Request SignalSource
Destin-
ation
Bus Mode
0
1
1
0
MTU*
2
TGI0A
Any*
1
Any*
1
Burst/cycle steal
1
MTU*
2
TGI1A
Any*
1
Any*
1
Burst/cycle steal
1
0
0
0
MTU*
2
TGI2A
Any*
1
Any*
1
Burst/cycle steal
1
Prohibited
1
0
Prohibited
1
A/D
ADI
ADDR*
4
Any*
1
Burst/cycle steal
1
0
0
SCI0*
3 transmit block
TxI0
Any*
1
TDR0
Burst/cycle steal
1
SCI0*
3 receive block
RxI0
RDR0
Any*
1
Burst/cycle steal
1
0
SCI1*
3 transmit block
TxI1
Any*
1
TDR1
Burst/cycle steal
1
SCI1*
3 receive block
RxI1
RDR1
Any*
1
Burst/cycle steal
Notes: 1. External memory, memory-mapped external device, on-chip memory, on-chip
peripheral module (excluding DMAC, BSC).
2. MTU: Multifunction timer pulse unit.
3. SCI0, SCI1: Serial communications interface.
4. ADDR: A/D converter's A/D register.
In order to output a transfer request from an on-chip peripheral module, set the relevant interrupt
enable bit for each module, and output an interrupt signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com