Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 190Page - Renesas Technology Corp SH7014 Datasheet HTML 191Page - Renesas Technology Corp SH7014 Datasheet HTML 192Page - Renesas Technology Corp SH7014 Datasheet HTML 193Page - Renesas Technology Corp SH7014 Datasheet HTML 194Page - Renesas Technology Corp SH7014 Datasheet HTML 195Page - Renesas Technology Corp SH7014 Datasheet HTML 196Page - Renesas Technology Corp SH7014 Datasheet HTML 197Page - Renesas Technology Corp SH7014 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 160 of 716
REJ09B0398-0500
Bit 1
⎯NMI Flag (NMIF): Indicates input of an NMI. This bit is set irrespective of whether the
DMAC is operating or suspended. If this bit is set during a data transfer, transfers on all channels
are suspended. The CPU is unable to write a 1 to the NMIF. Clearing is effected by a 0 write after
1 read.
Bit 1
NMIF
Description
0
No NMI interrupt, DMA transfer enabled
(initial value)
Clearing condition: Write NMIF = 0 after reading NMIF = 1
1
NMI has occurred, DMC transfer prohibited
Set condition: NMI interrupt occurrence
Bit 0
⎯DMAC Master Enable (DME): This bit enables activation of the entire DMAC. When
the DME bit and DE bit of the CHCR for the corresponding channel are set to 1, that channel is
transfer-enabled. If this bit is cleared during a data transfer, transfers on all channels are
suspended.
Even when the DME bit is set, when the TE bit of the CHCR is 1, or its DE bit is 0, transfer is
disabled in the case of an NMI of the DMAOR or when AE = 1.
Bit 0
DME
Description
0
Disable operation on all channels
(initial value)
1
Enable operation on all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com