Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 188Page - Renesas Technology Corp SH7014 Datasheet HTML 189Page - Renesas Technology Corp SH7014 Datasheet HTML 190Page - Renesas Technology Corp SH7014 Datasheet HTML 191Page - Renesas Technology Corp SH7014 Datasheet HTML 192Page - Renesas Technology Corp SH7014 Datasheet HTML 193Page - Renesas Technology Corp SH7014 Datasheet HTML 194Page - Renesas Technology Corp SH7014 Datasheet HTML 195Page - Renesas Technology Corp SH7014 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 158 of 716
REJ09B0398-0500
Bit 1
⎯Transfer End Flag (TE): This bit is set to 1 after the number of data transfers specified
by the DMATCR. At this time, if the IE bit is set to 1, an interrupt request is generated.
If data transfer ends before TE is set to 1 (for example, due to an NMI or address error, or clearing
of the DE bit or DME bit of the DMAOR) the TE is not set to 1. With this bit set to 1, data transfer
is disabled even if the DE bit is set to 1.
Bit 1
TE
Description
0
DMATCR-specified transfer count not ended
(initial value)
Clear condition: 0 write after TE = 1 read, Power-on reset, standby
mode
1
DMATCR specified number of transfers completed
Bit 0
⎯DMAC Enable (DE): DE enables operation in the corresponding channel.
Bit 0
DE
Description
0
Operation of the corresponding channel disabled
(initial value)
1
Operation of the corresponding channel enabled
Transfer mode is entered if this bit is set to 1 when auto-request is specified (RS3 to RS0 settings).
With an external request or on-chip module request, when a transfer request occurs after this bit is
set to 1, transfer is enabled. If this bit is cleared during a data transfer, transfer is suspended.
If the DE bit has been set, but TE = 1, then if the DME bit of the DMAOR is 0, and the NMI or
AE bit of the DMAOR is 1, transfer enable mode is not entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com