Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 218Page - Renesas Technology Corp SH7014 Datasheet HTML 219Page - Renesas Technology Corp SH7014 Datasheet HTML 220Page - Renesas Technology Corp SH7014 Datasheet HTML 221Page - Renesas Technology Corp SH7014 Datasheet HTML 222Page - Renesas Technology Corp SH7014 Datasheet HTML 223Page - Renesas Technology Corp SH7014 Datasheet HTML 224Page - Renesas Technology Corp SH7014 Datasheet HTML 225Page - Renesas Technology Corp SH7014 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 188 of 716
REJ09B0398-0500
9.3.7
DMAC Access from CPU
The space addressed by the DMAC is 3-cycle space. Therefore, when the CPU becomes the bus
master and accesses the DMAC, a minimum of three basic clock (CLK) cycles are required for
one bus cycle. Also, since the DMAC is located in word space, while a word-size access to the
DMAC is completed in one bus cycle, a longword-size access is automatically divided into two
word accesses, requiring two bus cycles (six basic clock cycles). These two bus cycles are
executed consecutively; a different bus cycle is never inserted between the two word accesses.
This applies to both write accesses and read accesses.
9.4
Examples of Use
9.4.1
Example of DMA Transfer between On-Chip SCI and External Memory
In this example, on-chip serial communication interface channel 0 (SCI0) received data is
transferred to external memory using the DMAC channel 1.
Table 9.7 indicates the transfer conditions and the setting values of each of the registers.
Table 9.7
Transfer Conditions and Register Set Values for Transfer between On-chip SCI
and External Memory
Transfer Conditions
Register
Value
Transfer source: RDR0 of on-chip SCI0
SAR1
H'FFFF81A5
Transfer destination: external memory
DAR1
H'00400000
Transfer count: 64 times
DMATCR1
H'00000040
Transfer source address: fixed
CHCR1
H'00004D05
Transfer destination address: incremented
Transfer request source: SCI0 (RDR0)
Bus mode: cycle steal
Transfer unit: byte
Interrupt request generation at end of transfer
Channel priority ranking: 0
> 1
DMAOR
H'0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com