Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 261Page - Renesas Technology Corp SH7014 Datasheet HTML 262Page - Renesas Technology Corp SH7014 Datasheet HTML 263Page - Renesas Technology Corp SH7014 Datasheet HTML 264Page - Renesas Technology Corp SH7014 Datasheet HTML 265Page - Renesas Technology Corp SH7014 Datasheet HTML 266Page - Renesas Technology Corp SH7014 Datasheet HTML 267Page - Renesas Technology Corp SH7014 Datasheet HTML 268Page - Renesas Technology Corp SH7014 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 231 of 716
REJ09B0398-0500
Input Capture Function: In the input capture mode, the TCNT value is transferred into the TGR
register when the input edge is detected at the input capture/output compare pin (TIOC).
Detection can take place on the rising edge, falling edge, or both edges. Channels 0 and 1 can use
other channel counter input clocks or compare-match signals as input capture sources.
The procedure for selecting the input capture operation (figure 10.12) is:
1. Set the TIOR to select the input capture function of the TGR, then select the input capture
source, and rising edge, falling edge, or both edges as the input edge.
2. Set the CST bit in the TSTR to 1 to start the TCNT counting.
Input selection
Select input-capture input
Start counting
Input capture operation
1
2
Figure 10.12 Procedure for Selecting Input Capture Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com