Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 275Page - Renesas Technology Corp SH7014 Datasheet HTML 276Page - Renesas Technology Corp SH7014 Datasheet HTML 277Page - Renesas Technology Corp SH7014 Datasheet HTML 278Page - Renesas Technology Corp SH7014 Datasheet HTML 279Page - Renesas Technology Corp SH7014 Datasheet HTML 280Page - Renesas Technology Corp SH7014 Datasheet HTML 281Page - Renesas Technology Corp SH7014 Datasheet HTML 282Page - Renesas Technology Corp SH7014 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 245 of 716
REJ09B0398-0500
The TSR register TCFD bit is a count direction flag. Read the TCFD flag to confirm whether the
TCNT is incrementing or decrementing.
Table 10.8 shows the correspondence between channels and external clock pins.
Table 10.8
Phase Counting Mode Clock Input Pins
Channel
A Phase Input Pin
B Phase Input Pin
1
TCLKA
TCLKB
2
TCLKC
TCLKD
Procedure for Selecting the Phase Counting Mode (Figure 10.28):
1. Set the MD3 to MD0 bits of the timer mode register (TMDR) to select the phase counting
mode.
2. Set the CST bit of the timer start register (TSTR) to 1 to start the count.
Phase counting mode
Select phase counting mode
Start counting
Phase counting mode
1
2
Figure 10.28 Procedure for Selecting the Phase Counting Mode
Phase Counting Operation Examples: The phase counting mode uses the phase difference
between two external clocks to increment/decrement the TCNT counter. There are 4 modes,
depending on the count conditions.
Phase Counting Mode 1: Figure 10.29 shows an example of phase counting mode 1 operation.
Table 10.9 lists the up counting and down counting conditions for the TCNT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com