Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 280Page - Renesas Technology Corp SH7014 Datasheet HTML 281Page - Renesas Technology Corp SH7014 Datasheet HTML 282Page - Renesas Technology Corp SH7014 Datasheet HTML 283Page - Renesas Technology Corp SH7014 Datasheet HTML 284Page - Renesas Technology Corp SH7014 Datasheet HTML 285Page - Renesas Technology Corp SH7014 Datasheet HTML 286Page - Renesas Technology Corp SH7014 Datasheet HTML 287Page - Renesas Technology Corp SH7014 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 250 of 716
REJ09B0398-0500
and the TGR0B and TGR0D registers are employed for buffer operation. The channel 1 counter
input clock is used as the TGR0B register input capture source, and a pulse width of four times the
2-phase encoder pulse is detected.
The channel 1 TGR1A and TGR1B registers are set for the input capture function, the channel 0
TGR0A and TGR0C register compare-match is used as an input capture source, and all of the
control period increment and decrement values are stored. This procedure enables the accurate
detection of position and speed.
TCLKA
TCLKB
Edge
detection
circuit
TCNT1
TCNT0
TGR1A (speed
period capture)
TGR0A (speed
control period)
TGR0C (position
control period)
TGR0B (pulse
width capture)
TGR0D (buffer
operation)
TGR1B (position
period capture)
Channel 0
Channel 1
+
−
+
−
Figure 10.33 Phase Count Mode Application Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com