Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 281Page - Renesas Technology Corp SH7014 Datasheet HTML 282Page - Renesas Technology Corp SH7014 Datasheet HTML 283Page - Renesas Technology Corp SH7014 Datasheet HTML 284Page - Renesas Technology Corp SH7014 Datasheet HTML 285Page - Renesas Technology Corp SH7014 Datasheet HTML 286Page - Renesas Technology Corp SH7014 Datasheet HTML 287Page - Renesas Technology Corp SH7014 Datasheet HTML 288Page - Renesas Technology Corp SH7014 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 251 of 716
REJ09B0398-0500
10.5
Interrupts
10.5.1
Interrupt Sources and Priority Ranking
The MTU has three interrupt sources: TGR register compare-match/input captures, TCNT counter
overflows and TCNT counter underflows. Because each of these three types of interrupts are
allocated its own dedicated status flag and enable/disable bit, the issuing of interrupt request
signals to the interrupt controller can be independently enabled or disabled.
When an interrupt source is generated, the corresponding status flag in the timer status register
(TSR) is set to 1. If the corresponding enable/disable bit in the timer input enable register (TIER)
is set to 1 at this time, the MTU makes an interrupt request of the interrupt controller. The
interrupt request is canceled by clearing the status flag to 0.
The channel priority order can be changed with the interrupt controller. The priority ranking
within a channel is fixed. For more information, see section 6, Interrupt Controller.
Table 10.13 lists the MTU interrupt sources.
Input Capture/Compare Match Interrupts: If the TGIE bit of the timer input enable register
(TIER) is already set to 1 when the TGF flag in the timer status register (TSR) is set to 1 by a
TGR register input capture/compare-match of any channel, an interrupt request is sent to the
interrupt controller. The interrupt request is canceled by clearing the TGF flag to 0. The MTU has
8 input capture/compare-match interrupts; four for channel 0, and two each for channels 1 and 2.
Overflow Interrupts: If the TCIEV bit of the TIER is already set to 1 when the TCFV flag in the
TSR is set to 1 by a TCNT counter overflow of any channel, an interrupt request is sent to the
interrupt controller. The interrupt request is canceled by clearing the TCFV flag to 0. The MTU
has three overflow interrupts, one for each channel.
Underflow Interrupts: If the TCIEU bit of the TIER is already set to 1 when the TCFU flag in
the TSR is set to 1 by a TCNT counter underflow of any channel, an interrupt request is sent to the
interrupt controller. The interrupt request is canceled by clearing the TCFU flag to 0. The MTU
has two underflow interrupts, one each for channels 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com