Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 308Page - Renesas Technology Corp SH7014 Datasheet HTML 309Page - Renesas Technology Corp SH7014 Datasheet HTML 310Page - Renesas Technology Corp SH7014 Datasheet HTML 311Page - Renesas Technology Corp SH7014 Datasheet HTML 312Page - Renesas Technology Corp SH7014 Datasheet HTML 313Page - Renesas Technology Corp SH7014 Datasheet HTML 314Page - Renesas Technology Corp SH7014 Datasheet HTML 315Page - Renesas Technology Corp SH7014 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 278 of 716
REJ09B0398-0500
(4) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Phase Counting Mode: Figure 10.63 shows an explanatory diagram of the case
where an error occurs in normal mode and operation is restarted in phase counting mode after re-
setting.
1
RESET
2
TMDR
(normal)
4
PFC
(MTU)
3
TIOR
(1 init
0 out)
5
TSTR
(1)
6
Match
7
Error
occurs
8
PFC
(PORT)
9
TSTR
(0)
10
TMDR
(PCM)
11
TIOR
(1 init
0 out)
12
PFC
(MTU)
13
TSTR
(1)
MTU output
TIOC*A
TIOC*B
Port output
PEn
PEn
Hi-Z
Hi-Z
Note: n = 0 to 15
Figure 10.63 Error Occurrence in Normal Mode, Recovery in Phase Counting Mode
1 to 9 are the same as in figure 10.60.
10. Set phase counting mode.
11. Initialize the pins with TIOR.
12. Set MTU output with the PFC.
13. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com