Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 305Page - Renesas Technology Corp SH7014 Datasheet HTML 306Page - Renesas Technology Corp SH7014 Datasheet HTML 307Page - Renesas Technology Corp SH7014 Datasheet HTML 308Page - Renesas Technology Corp SH7014 Datasheet HTML 309Page - Renesas Technology Corp SH7014 Datasheet HTML 310Page - Renesas Technology Corp SH7014 Datasheet HTML 311Page - Renesas Technology Corp SH7014 Datasheet HTML 312Page - Renesas Technology Corp SH7014 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 275 of 716
REJ09B0398-0500
(1) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Normal Mode: Figure 10.60 shows an explanatory diagram of the case where an
error occurs in normal mode and operation is restarted in normal mode after re-setting.
1
RESET
2
TMDR
(normal)
4
PFC
(MTU)
3
TIOR
(1 init
0 out)
5
TSTR
(1)
6
Match
7
Error
occurs
8
PFC
(PORT)
9
TSTR
(0)
10
TMDR
(normal)
11
TIOR
(1 init
0 out)
12
PFC
(MTU)
13
TSTR
(1)
MTU output
TIOC*A
TIOC*B
Port output
PEn
Note: n = 0 to 15
PEn
Hi-Z
Hi-Z
Figure 10.60 Error Occurrence in Normal Mode, Recovery in Normal Mode
1. After a reset, MTU output is low and ports are in the high-impedance state.
2. After a reset, the TMDR setting is for normal mode.
3. Initialize the pins with TIOR. (The example shows initial high output, with low output on
compare-match occurrence.)
4. Set MTU output with the PFC.
5. The count operation is started by TSTR.
6. Output goes low on compare-match occurrence.
7. An error occurs.
8. Set port output with the PFC and output the inverse of the active level.
9. The count operation is stopped by TSTR.
10. Not necessary when restarting in normal mode.
11. Initialize the pins with TIOR.
12. Set MTU output with the PFC.
13. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com