Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 303Page - Renesas Technology Corp SH7014 Datasheet HTML 304Page - Renesas Technology Corp SH7014 Datasheet HTML 305Page - Renesas Technology Corp SH7014 Datasheet HTML 306Page - Renesas Technology Corp SH7014 Datasheet HTML 307Page - Renesas Technology Corp SH7014 Datasheet HTML 308Page - Renesas Technology Corp SH7014 Datasheet HTML 309Page - Renesas Technology Corp SH7014 Datasheet HTML 310Page - Renesas Technology Corp SH7014 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 273 of 716
REJ09B0398-0500
10.8
MTU Output Pin Initialization
10.8.1
Operating Modes
The MTU has the following four operating modes. Waveform output is possible in all of these
modes.
• Normal mode (channels 0 to 2)
• PWM mode 1 (channels 0 to 2)
• PWM mode 2 (channels 0 to 2)
• Phase counting modes 1 to 4 (channels 1 and 2)
The MTU output pin initialization method for each of these modes is described in this section.
10.8.2
Reset Start Operation
The MTU output pins (TIOC*) are initialized low by a reset and in standby mode. Since MTU pin
function selection is performed by the pin function controller (PFC), when the PFC is set, the
MTU pin states at that point are output to the ports. When MTU output is selected by the PFC
immediately after a reset, the MTU output initial level, low, is output directly at the port. When
the active level is low, the system will operate at this point, and therefore the PFC setting should
be made after initialization of the MTU output pins is completed.
Note:
Channel number and port notation are substituted for *.
10.8.3
Operation in Case of Re-Setting Due to Error during Operation, Etc.
If an error occurs during MTU operation, MTU output should be cut by the system. Cutoff is
performed by switching the pin output to port output with the PFC and outputting the inverse of
the active level. The pin initialization procedures for re-setting due to an error during operation,
etc., and the procedures for restarting in a different mode after re-setting, are shown below.
The MTU has four operating modes, as stated above. There are thus 16 mode transition
combinations. Possible mode transition combinations are shown in table 10.14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com