Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 302Page - Renesas Technology Corp SH7014 Datasheet HTML 303Page - Renesas Technology Corp SH7014 Datasheet HTML 304Page - Renesas Technology Corp SH7014 Datasheet HTML 305Page - Renesas Technology Corp SH7014 Datasheet HTML 306Page - Renesas Technology Corp SH7014 Datasheet HTML 307Page - Renesas Technology Corp SH7014 Datasheet HTML 308Page - Renesas Technology Corp SH7014 Datasheet HTML 309Page - Renesas Technology Corp SH7014 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 272 of 716
REJ09B0398-0500
10.7.12
Contention between TCNT Write and Overflow/Underflow
If there is an up-count or down-count in the T2 state of a TCNT write cycle, and
overflow/underflow occurs, the TCNT write takes precedence and the TCFV/TCFU flag in TSR is
not set .
Figure 10.59 shows the operation timing in this case.
φ
Address
Write signal
TCNT input
clock
TCNT
TCFV flag
H'FFFF
N
TCNT write data
Disabled
TCNT write cycle
T1
T2
TCNT address
Figure 10.59 Contention between TCNT Write and Overflow
10.7.13
Cautions on Carrying Out Buffer Operation of Channel 0 in PWM Mode 1
In PWM mode 1, the TGRA and TGRB registers are used in pairs and PWM waveform is output
to the TIOCA pin. In the same manner, the TGRC and TGRD registers are used in pairs and PWM
waveform is output to the TIOCC pin. If either the TGRC or TGRD register is operating as a
buffer register, the TIOCC pin cannot execute default output setting or PWM waveform output
with the I/O control register (TIOR).
Note that for channel 0, the TIOCC pin allows both default output setting by TIOR and PWM
output when setting buffer operation only for the TGRD register in PWM mode 1.
When using channel 0 in PWM mode 1 and setting buffer operation, use both the TGRC and
TGRD registers as buffer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com